|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PROFESSIONAL LED INDICATORS O8.1mm Mounting FEATURES Black anodised aluminium housing 643 SERIES PACK QUANTITY = 10 PIECES Short body length is ideal for portable equipment Wide viewing angle Sealed to IP67 Suitable for high vibration applications SPECIFICATION Ordering Information & Typical T echnical Characteristics (T a = 25C) Mean Time Between Failure = 100,000 Hours. PART NUMBER COLOUR Luminous intensity figures refer to the unmodified discrete LED. VOLTAGE CURRENT LUMINOUS WAVE OPERATING STORAGE LENS DC (Vdc) Vopr DC (mA) lopr INTENSITY lv@20mA (mcd) LENGTH p (nm) TEMP T opr TEMP T stg STANDARD INTENSITY 643-503-04 643-509-04 643-512-04 Red Yellow Green Colour Diffused Colour Diffused Colour Diffused 2.0 2.1 2.2 20 20 20 160 80 120 627 590 565 -40 ~ +85^ -40 ~ +85^ -40 ~ +85^ -40 ~ +85 -40 ~ +85 -40 ~ +85 Yes Yes Yes HIGH INTENSITY 643-501-04 643-521-04 643-532-04 643-930-04 643-997-04 UNITS Red Yellow Green Blue Cool White Colour Diffused Colour Diffused Colour Diffused Colour Diffused Colour Diffused 2.0 2.1 3.4 3.4 3.4 Vdc 20 20 20 20 20 mA 11000 16000 23000 7000 14000 mcd 643 591 527 470 see below nm -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ C -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 C Yes Yes Yes Yes Yes Other voltages AC/DC available. Please contact our Technical Sales. ^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Appropriate LED numbers shown - Refer to page 3 x 997F-C 0.245 *Typical emission colour cool white 0.361 0.356 0.264 y 0.229 0.385 0.351 0.220 Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch. How to Order: website: www.marl.co.uk * email: sales@marl.co.uk * webstore: www.leds.co.uk * T elephone +44 (0)1229 582430 * Fax: +44 (0)1229 585155 relating to either products or service. for products or service. The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply (c) MARL INTERNATIONAL LTD 2006 : DS 043/06 Issue 1 SAMPLES AVAILABLE Page 1 of 3 643 Series MOUNTING HOLE Dimensions in mm (Typical) Not to scale Anode termination indicated by long pin. Mounting hole to be clean and burr free MATERIALS Body Nut Panel Seal Fresnel lens Encapsulation Lock Washer Black Anodised Aluminium Bright Nickel Plated Brass Viton Polycarbonate PC5430 resin Spring Steel PUSH-ON CONNECTORS 909-000-00 is brass tin plated. 910-000-00 is tin plated. For use with 643 series lamps. Dimensions in mm (Typical) Not to scale TECHNICAL CHARACTERISTICS SERIES MAXIMUM DISSIPATION POWER MAXIMUM VOLTAGE REVERSE PANEL NUT MINIMUM MIN/MAX. THICKNESS PANEL CUTOUT TORQUE MOUNTING CENTRES MOUNTING 643 75 mW 3 Vdc 8.1 mm 0.6 Nm x,y = 14.5 mm 1.5-5.0 mm OPTIONAL FLYING LEAD TERMINATIONS ORDER SUFFIX CODE SUPPLY WIRE WIRE NO/DIAMETER CONDUCTORS OF DIAMETER INSULATION OVER COMMENTS VOLTAGE COLOUR LENGTH 15 19 DC Products DC Products Red-anode / Black-cathode Red-anode / Black-cathode 150mm 1000mm 19/0.15mm 1.2mm lengths Customised available website: www.marl.co.uk * email: sales@marl.co.uk * webstore: www.leds.co.uk * T elephone +44 (0)1229 582430 * Fax: +44 (0)1229 585155 relating to either products or service. for products or service. The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply Approved Manufacturer BS EN ISO 9001:2000 (c) MARL INTERNATIONAL LTD 2006 : DS 043/06 Issue 1 Page 2 of 3 Derating Information 503 & 509 512 501 & 521 532 & 930 How to Order: website: www.marl.co.uk * email: sales@marl.co.uk * webstore: www.leds.co.uk * T elephone +44 (0)1229 582430 * Fax: +44 (0)1229 585155 relating to either products or service. for products or service. The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply Approved Manufacturer BS EN ISO 9001:2000 (c) MARL INTERNATIONAL LTD 2006 : DS 043/06 Issue 1 SAMPLES AVAILABLE Page 3 of 3 |
Price & Availability of 643-512-04 |